|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
COMPONENTS PRODUCT INFORMATION NEW PLUG IN SIM Card Connector compatible to GSM 11.11 Standard CONNECTOR MB-0194-1 January 2009 SF8 Series RoHSCompliant Standard Reverse SF8 Series is a tray type connector compatible with GSM 11.11 standard Plug in SIM card for GSM mobile phones. (SIM: Subscriber Identification Module) Features *Tray type connector for GSM 11.11 standard Plug in SIM card * Low profile structure, 1.55mm height, 16.65mm width, 19.3mm depth (26.2mm when card is inserted). *Two types of mounting, normal (A type) and reverse (B type). *Connector main body is provided in emboss (compatible to second reflow), tray provided in tray (tray is attached after mounting the main body). *4 portions of H/D ensures EMI/ESD countermeasure and gives consideration to prevention of instantaneous interruption caused by falling. *Retention lock on tray provides click feeling when mated, and makes positioning easier and also prevents falling of tray. General Specification *No. of Contacts: 6pos. *Contact Resistance: 100m ohm max. *Dielectric Withstanding Voltage: AC500Vr.m.s 1minute *Operating Temperature: -40 Deg. C to +90 Deg. C *Rated Current: 10u A to 1A *Insulation Resistance: 1000M ohm min. *Lifetime: 5000 times 1/4 JAE PMK Div. Proprietary. Copyright (c) 2009, Japan Aviation Electronics Industry, Ltd. MB-0194-1 Materials and Finishes Component Contact Housing Cover Frame Tray Material/Finish Copper alloy/0.5u min. Au over Ni (contact area) Glass filled LCP/none(UL94V-0) Stainless steel/none, Au plating over Ni (terminal portion only) POM/none (UL94HB) Ordering Information SF8 V 006S 4 A R**** Series Name Tray type SMT Mounting V: With HD No. of contacts: 6: 6 pos. Embossed Products* Modification A: Normal, B: Reverse Terminal finish 4: Au 0.5um min. Note Note) Main body of connector is supplied in emboss, tray in tray packaging. Please contact us for further information. Please refer to JAHL-10578 for assembly and handling of connector and tray. 2/4 JAE PMK Div. Proprietary. Copyright (c) 2009, Japan Aviation Electronics Industry, Ltd. MB-0194-1 Part Number SF8V006S4A (main body of connector) SF8-STS1-A (Type A tray) SJ Drawing SJ109314 SJ109315 Standard Mounting Type Unit: mm APPLICABLE P. C. B. DIMENSION (REF) 3/4 JAE PMK Div. Proprietary. Copyright (c) 2009, Japan Aviation Electronics Industry, Ltd. MB-0194-1 Part Number SF8V006S4B (main body of connector) SF8-STR1-B (Type B tray) SJ Drawing SJ109289 SJ109290 Reverse Mounting Type Unit: mm APPLICABLE P. C. B. DIMENSION (REF) => Please refer to page 3/4. Notice: Products shown in this leaflet are made for the applications listed below. However, if the above-mentioned products are to be used in aerospace devices, marine cable-connection devices, atomic power control systems, medical equipment for life-support systems, or any other specific application requiring extremely high reliability, please contact JAE for further information. Recommended applications: Computers, Office machines, Measuring devices, Telecommunication devices (Terminals, Mobile devices), AV devices, Household applications, FA devices, etc. Japan Aviation Electronics Industry, Limited Product Marketing Division Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539 Phone: +81-3-3780-2787 FAX: +81-3-3780-2946 * The specifications in this brochure are subject to change without notice. Please contact JAE for information. JAE PMK Div. Proprietary. Copyright (c) 2009, Japan Aviation Electronics Industry, Ltd. 4/4 |
Price & Availability of SF8-STR1-B |